Part Number Hot Search : 
1N3341B 20D182K D9528 2SC4672 F2010 GPA802DT 2N6080 RMCS9018
Product Description
Full Text Search
 

To Download MMBT2907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT2907 / MMBT2907A
PNP Silicon Epitaxial Planar Transistor for switching and AF amplifier applications. The transistor is subdivided into one group according to its DC current gain. As complementary type the NPN transistor MMBT2222 and MMBT2222A are recommended.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC) Value Parameter Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Power Dissipation Junction Temperature Storage Temperature Range Symbol MMBT2907 MMBT2907A -VCBO -VCEO -VEBO -IC Ptot Tj TS 40 5 600 200 150 -55 to +150 60 60 V V V mA mW
O
Unit
C C
O
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 23/12/2005
MMBT2907 / MMBT2907A
Characteristics at Ta = 25 OC Parameter DC Current Gain at -IC = 0.1 mA, -VCE = 10 V at -IC = 1 mA, -VCE = 10 V at -IC = 10 mA, -VCE = 10 V at -IC = 150 mA, -VCE = 10 V at -IC = 500 mA, -VCE = 10 V Collector Cutoff Current at -VCB = 50 V Collector Base Breakdown Voltage at -IC = 10 A Collector Emitter Breakdown Voltage at -IC = 10 mA Emitter Base Breakdown Voltage at -IE = 10 A Collector Saturation Voltage at -IC = 150 mA, -IB = 15 mA at -IC = 500 mA, -IB = 50 mA Base Saturation Voltage at -IC = 150 mA, -IB = 15 mA at -IC = 500 mA, -IB = 50 mA Gain Bandwidth Product at -IC = 50 mA , -VCE = 20 V, f = 100 MHz Collector Output Capacitance at -VCB = 10 V, f = 1 MHz Input Capacitance at -VBE = 2 V, f = 1 MHz Cib 30 pF Cob 8 pF fT 200 MHz -VBE(sat) -VBE(sat) 1.3 2.6 V V -VCE(sat) -VCE(sat) 0.4 1.6 V V -V(BR)EBO 5 V MMBT2907 MMBT2907A -V(BR)CEO -V(BR)CEO 40 60 V V -V(BR)CBO 60 V MMBT2907 MMBT2907A -ICBO -ICBO 20 10 nA nA MMBT2907 MMBT2907A MMBT2907 MMBT2907A MMBT2907 MMBT2907A MMBT2907 MMBT2907A hFE hFE hFE hFE hFE hFE hFE hFE hFE 35 75 50 100 75 100 100 30 50 300 Symbol Min. Max. Unit
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 23/12/2005


▲Up To Search▲   

 
Price & Availability of MMBT2907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X